PART |
Description |
Maker |
6.6URD30EF0250 6.6URD30EF0350 6.6URD33EF1000 AO65U |
VERY FAST BLOW ELECTRIC FUSE, 250A, 660VAC, 200000A (IR), INLINE/HOLDER VERY FAST BLOW ELECTRIC FUSE, 350A, 660VAC, 200000A (IR), INLINE/HOLDER VERY FAST BLOW ELECTRIC FUSE, 1000A, 660VAC, 200000A (IR), INLINE/HOLDER VERY FAST BLOW ELECTRIC FUSE, 1800A, 650VAC, 200000A (IR), INLINE/HOLDER VERY FAST BLOW ELECTRIC FUSE, 1100A, 650VAC, 200000A (IR), INLINE/HOLDER VERY FAST BLOW ELECTRIC FUSE, 200A, 700VAC, 200000A (IR), INLINE/HOLDER
|
MERSEN
|
BK/AGC-3/4-R BK/AGC-15-R BK1/AGC-12B |
FUSE 3/4A 250V FAST AGC GLASS FAST BLOW ELECTRIC FUSE, 0.75A, 250VAC, 35A (IR), INLINE/HOLDER FUSE 15A 32V FAST AGC GLASS FAST BLOW ELECTRIC FUSE, 15A, 32VAC, 1000A (IR), INLINE/HOLDER FAST BLOW ELECTRIC FUSE, 12A, 32VAC, 1000A (IR), INLINE/HOLDER
|
Cooper Bussmann, Inc. COOPER INDUSTRIES
|
0332009.MXP 0332006.HXP 0322009.MXP 0322009.HXP 03 |
VERY FAST BLOW ELECTRIC FUSE, 9A, 250VAC, 125VDC, 100A (IR), INLINE/HOLDER ROHS COMPLIANT 322/332 Series Lead-free 3AB, Very Fast-acting Fuse VERY FAST BLOW ELECTRIC FUSE, 3A, 250VAC, 125VDC, 100A (IR), INLINE/HOLDER VERY FAST BLOW ELECTRIC FUSE, 7A, 250VAC, 125VDC, 100A (IR), INLINE/HOLDER
|
Synergy Microwave, Corp. Littelfuse
|
PCF12-S PCF15-H |
FAST BLOW ELECTRIC FUSE, 12A, 600VAC, 500VDC, 100000A (IR), SURFACE MOUNT FAST BLOW ELECTRIC FUSE, 15A, 600VAC, 500VDC, 100000A (IR), THROUGH HOLE
|
MERSEN
|
3404.0044.XX 3404.0019.XX 3404.0014.XX 3404.0043.X |
FAST BLOW ELECTRIC FUSE, 6.3A, 125VAC, 125VDC, 100A (IR), SURFACE MOUNT FUSE, SMD, 125V, 8A; Current, fuse rating:8A; Voltage rating, AC:125V; Fuse type, blowing characteristic:Quick Acting F RoHS Compliant: Yes FAST BLOW ELECTRIC FUSE, 8A, 125VAC, 125VDC, 100A (IR), SURFACE MOUNT Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 125 VAC, 125 VDC
|
SCHURTER AG Schurter Inc.
|
3AB3-R 3ABP1.6-R 3AB375-R |
Fuses, RoHS 3A 250V CERAMIC FAST BLOW ELECTRIC FUSE, 3A, 250VAC, 100A (IR), INLINE/HOLDER Fuses, RoHS 1.6A 250V CERAMIC LEAD FAST BLOW ELECTRIC FUSE, 1.6A, 250VAC, 100A (IR), THROUGH HOLE Fuses, RoHS 375mA 250V CERAMIC FAST BLOW ELECTRIC FUSE, 0.375A, 250VAC, 35A (IR), INLINE/HOLDER
|
Bel Fuse, Inc.
|
AGC-V-5 AGC-V-8 AGC-V-1/2 AGC-V-10 |
Cartridge Fuse; Fuse Type:Fast Acting; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Series:AGC-V RoHS Compliant: No FAST BLOW ELECTRIC FUSE, 5A, 250VAC, 200A (IR), THROUGH HOLE Cartridge Fuse; Fuse Type:Fast Acting; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Series:AGC-V RoHS Compliant: No FAST BLOW ELECTRIC FUSE, 8A, 250VAC, 200A (IR), THROUGH HOLE FAST BLOW ELECTRIC FUSE, 0.5A, 250VAC, 35A (IR), THROUGH HOLE
|
Cooper Bussmann, Inc. COOPER INDUSTRIES
|
5HFP630-R 5HFP12-R 5HFP125-R 5HFP500-R 5HF160-R 5H |
Quick-acting Fuse Series(High-Breaking Capacity) Fuses, RoHS 800mA 250V F IEC CERM 5X20 VERY FAST BLOW ELECTRIC FUSE, 0.8A, 250VAC, 1500A (IR), INLINE/HOLDER Fuses, RoHS 8A 250V F IEC CERM 5X20 VERY FAST BLOW ELECTRIC FUSE, 8A, 250VAC, 1500A (IR), INLINE/HOLDER Fuses, RoHS 315mA 250V F IEC CERM LEAD VERY FAST BLOW ELECTRIC FUSE, 0.315A, 250VAC, 1500A (IR), THROUGH HOLE Fuses, RoHS 3.15A 250V F IEC CERM 5X20 VERY FAST BLOW ELECTRIC FUSE, 3.15A, 250VAC, 1500A (IR), INLINE/HOLDER Fuses, RoHS 4A 250V F IEC CERM 5X20 VERY FAST BLOW ELECTRIC FUSE, 4A, 250VAC, 1500A (IR), INLINE/HOLDER Fuses, RoHS 6.3A 250V F IEC CERM LEAD Fuses, RoHS 100mA 250V F IEC CERM LEAD Fuses, RoHS 1A 250V F IEC CERM LEAD
|
Bel Fuse Inc. http:// Bel Fuse, Inc.
|
AGU-2 AGU-20 AGU-25 AGU-50 AGU-30 AGU-15 AGU-40 AG |
Fuse 保险 FAST BLOW ELECTRIC FUSE, 30A, 32VAC, INLINE/HOLDER
|
SIEMENS AG COOPER INDUSTRIES
|
00343851 34.3866 |
Miniature Fuse, 5 x 20 mm, Quick-Acting F, cULus, 250 VAC FAST BLOW ELECTRIC FUSE, 0.5A, 250VAC, 35A (IR), INLINE/HOLDER
|
Schurter Inc.
|
|